Part Number Hot Search : 
DM8830 7C134 P4201 F170LT1G SMB5932B DBS10 MSM3764A P328D
Product Description
Full Text Search
 

To Download MR2540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MR2540
VBR : 20 Volts Io : 50 Amperes
FEATURES :
* Avalanche Voltage 24 to 32 Volts * High Power capability * Increased Capacity by Parallel Operation
AUTOMOTIVE TRANSIENT SUPPRESSORS
0.342 (8.69) 0.332 (8.43) 5 NOM
MECHANICAL DATA :
* * * * * * Case : Molded plastic Epoxy : UL94V-O rate flame retardant Terminals : Terminal are readily solderable Polarity : Cathode polarity band Mounting position : Any Weight : 1.8 grams
0.246 (6.25) 0.234 (5.94)
0.175 (4.45) 0.165 (4.19)
0.222 (5.64) 0.218 (5.54)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum DC Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Breakdown Voltage Minimum Breakdown Voltage ( IR = 100 mA, Tc = 25C ) ( IR = 100 mA, Tc = 25C ) (1) (1)
SYMBOL
VRRM VRWM VR VBR(max) VBR(min) IF(AV)
VALUE
20 20 20 32 24 50
UNIT
Volts Volts Volts Volts Volts Amps.
Average Rectified Forward Current ( Single Phase, Resistive Load, 60 Hz, Tc = 150 C ) Maximum Repetitive Peak Reverse Surge Current ( Time Constant = 10 ms, Duty Cycle 1%, Tc = 25 C ) Maximum Non-Repetitive Peak Surge Current Surge Supplied at Rated Load Conditions, Halfwave, Single Phase Maximum Instantaneous Forward Voltage (IF = 100 Amps. Tc = 25 C) (1) Maximum Reverse Current ( VR = 20 Volts, Tc = 25 C ) Typical Thermal Resistance Junction to Case Junction Temperature Range Storage Temperature Range
Note : (1) Pulse Test : Pulse Width 300s, Duty Cycle 2%.
IRSM
150
Amps.
IFSM
800
Amps.
VF IR RJC TJ TSTG
1.1 200 0.8 - 65 to + 175 - 65 to + 175
Volts. nA C/W C C
UPDATE : DECEMBER 18 , 2000


▲Up To Search▲   

 
Price & Availability of MR2540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X